Part Number Hot Search : 
DM115 68EBGP PSP1045 T1213 MSM51 R8C10 27C30 T88SC
Product Description
Full Text Search
 

To Download CRCW06030000FKEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 20035 for technical questions in europe, contact: ff3 cresistors@v ishay.com www.vishay.com revision: 04-jul-07 for te chnical questions in am ericas/asia, contact: ff 2bresistors@vishay.com 107 d../crcw.... e3 vishay lead (pb)-free thick film, rectangular chip resistors features ? high volume product suitable for commercial and special applications ? excellent stability ( r/r 1 % for 1000 h at 70 c) ? compliant with ?restriction of the use of hazardous substances? (rohs) directive 2002/95/ec (issue 2004) ? lead (pb)-free solder contacts on ni barrier layer ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? metal glaze on high quality ceramic ? protective overglaze notes ? these resistors do not feature a limited lifetime when operated wi thin the permissible limits. ho wever, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby establ ishing a functional lifeti me ? marking and packaging: see appr opriate catalog or web pages ? power rating depends on the max. temperature at the solder po int, the component placement density and the substrate material standard electrical specifications model size power rating p 70 c w limiting element voltage max v ? temperature coefficient ppm/k tolerance % resistance range e-series inch metric crcw0201 0201 0525 0.05 30 100 200 1 1; 5 47r - 1m0 10r - 1m0 24 + 96 24 zero-ohm-resistor: r max = 50 m , i max at 70 c = 1.0 a d10/crcw0402 0402 1005 0.063 50 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 1.5 a d11/crcw0603 0603 1608 0.10 75 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 2.0 a d12/crcw0805 0805 2012 0.125 150 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 2.5 a d25/crcw1206 1206 3216 0.25 200 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 3.5 a crcw1210 1210 3225 0.33 200 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 4.0 a crcw1218 1218 3246 1.0 200 100 200 1 5 1r0 - 2m2 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 7.0 a crcw2010 2010 5025 0.50 400 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 5.0 a crcw2512 2512 6332 1.0 500 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max = 20 m , i max at 70 c = 7.0 a
www.vishay.com for technical questions in europe, contact: ff3cresistors@vishay.com document number: 20035 108 for technical questions in americas/a sia, contact: ff2bres istors@vishay.com revision: 04-jul-07 d../crcw.... e3 vishay lead (pb)-free thi ck film, rectangular chip resistors notes 1. for sizes 0402 until 1206 the measuring conditions are in acc. to en 140401-802. for all other sizes the result depends on th e solder pad dimensions. 2. rated voltage: 3. the power dissipation on the re sistor generates a temperature rise against t he local ambient, depending on the heat flow supp ort of the printed-circuit board (t hermal resistance). the rated dissipation applies only if the permitted film temperature of 155 c is n ot exceeded. notes 1. preferred way for ordering products is by use of the part number 2. please refer to table packaging, see next page technical specifications parameter unit crcw0201 d10/ crcw0402 d11/ crcw0603 d12/ crcw0805 d25/ crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation at 70 c 3) w 0.05 0.063 0.10 0.125 0.25 0.33 1.0 0.5 1.0 limiting element voltage 2) v ? 30 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peak 50 > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance 1) k/w 870 550 440 220 140 65 88 65 insulation resistance > 10 9 category temperature range c - 55/+ 125 (+ 155) failure rate h -1 1.10 -9 0.3 ? 10 -9 weight/1000 pcs g 0.17 0.65 2 5.5 10 16 29.5 25.5 40.5 p x r part number and product description p art number: crcw0603562rfkec 1) cr cw 06 03 56 2r fke c model crcw0201 crcw0402 crcw0603 crcw0 8 05 crcw1206 crcw1210 crcw121 8 crcw2010 crcw2512 pa ckagi n g 2) ea, eb, ec, ed, ee, ef, eg, eh, ei, ek, el, ey special u p to 2 digits p roduct description: d1 1/crcw0603 100 562r 1 % et6 e3 d11/crcw0603 100 562r 1 % et6 e3 model resista n ce v alue tolera n ce pa ckagi n g 2) lead (p b )-free crc w 0201 200 ppm/k 10r = 10 5 % et1, et5 e3 = p u re ti n d10/crc w 0402 100 ppm/k 562r = 562 1 % et6, et7 t ermi nation finish d11/crc w 0603 10k = 10.0 k ef4, e02 d12/crc w 0 8 05 1m = 1 m e67, e 8 2 d25/crc w 1206 eg1, et9 crc w 1210 e20, e27 crc w 121 8 crc w 2010 crc w 2512 v alue r = decimal k = tho u sand m = million 0000 = j u mper tolera n ce f = 1.0 % j = 5.0 % z = j u mper k = 100 ppm/k n = 200 ppm/k tcr 0 = j u mper s = special 0r0 = j u mper tcr
document number: 20035 for technical questions in europe, contact: ff3 cresistors@v ishay.com www.vishay.com revision: 04-jul-07 for te chnical questions in am ericas/asia, contact: ff 2bresistors@vishay.com 109 d../crcw.... e3 lead (pb)-free thick film, re ctangular chip resistors vishay dimensions packaging model reel bulk tape width diameter pitch pieces/ reel packaging code pieces packaging code part number product desc. part number product desc. paper blister paper blister crcw0201 8 mm 180 mm/7" 2 mm 10 000 ed et7 330 mm/13" 2 mm 50 000 ee ef4 d10/crcw0402 8 mm 180 mm/7" 2 mm 10 000 ed et7 50 000 ey e27 330 mm/13" 2 mm 50 000 ee ef4 d11/crcw0603 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 25 000 ey e27 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec el et6 e20 d12/crcw0805 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 ey e27 285 mm/11.25" 4 mm 10 000 eb et5 10 000 330 mm/13" 4 mm 20 000 ec el et6 e20 d25/crcw1206 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec el et6 e20 crcw1210 12 mm 180 mm/7" 4 mm 5000 ea et1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec et6 crcw1218 12 mm 180 mm/7" 4 mm 4000 ek et9 crcw2010 12 mm 180 mm/7" 4 mm 4000 ef e02 crcw2512 12 mm 180 mm/7" 8 mm 2000 eg e67 4 mm 4000 eh e82 size dimensions [in millimeters] solder pad dimensions [in millimeters] reflow soldering wave soldering inch metric l w h t1 t2 ab l ab l 0201 0525 0.6 0.05 0.3 0.05 0.23 0.05 0.15 0.05 0.15 + 0.05 - 0.10 0.28 0.43 0.23 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2
www.vishay.com for technical questions in europe, contact: ff3cresistors@vishay.com document number: 20035 110 for technical questions in americas/a sia, contact: ff2bres istors@vishay.com revision: 04-jul-07 d../crcw.... e3 vishay lead (pb)-free thi ck film, rectangular chip resistors functional performance 1000 100 10 1 0.1 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 2512 121 8 2010 1206 0 8 05 0603 0402 sin g le pulse maxim u m p u lse load, single p u lse; applica b le if p 0 and n 1000 and u u max ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i (s) pulse load p max (w) continuous pulse continuous pulse load p max (w) 100 10 1 0.10 0.01 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and ? ? max ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i (s) 121 8 2010 1206 0 8 05 0603 0402 2000 200 0 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 pulse volta g e maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i (s) 400 600 8 00 1000 1200 1400 1600 1 8 00 pulse volta g e ? max (v) 2512 2010 1206/1210/121 8 0 8 05 0603 0402
document number: 20035 for technical questions in europe, contact: ff3 cresistors@v ishay.com www.vishay.com revision: 04-jul-07 for te chnical questions in am ericas/asia, contact: ff 2bresistors@vishay.com 111 d../crcw.... e3 lead (pb)-free thick film, re ctangular chip resistors vishay 0402 0603 0 8 05 1206 1210 2010 2512 90 8 0 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in w te mperature rise in c 121 8 temperature rise - 55 - 25 0 2 55 0 75 100 125 150 175 120 100 8 0 60 40 20 0 ambient te mperature in c 70 r ated power in % deratin g 100 1k 10k 100k 1m 10m 11 0 100 90 8 0 70 60 50 40 30 20 10 resistance v alue in non-linearity a 3 in db 1206 0 8 05 0603 0402 non-linearity 100 1k 10k 100k 1m 10m 100 10 1 0.1 resistance v alue in current noise in v/ v 0402 0603 0 8 05 1206 current noise
www.vishay.com for technical questions in europe, contact: ff3cresistors@vishay.com document number: 20035 112 for technical questions in americas/a sia, contact: ff2bres istors@vishay.com revision: 04-jul-07 d../crcw.... e3 vishay lead (pb)-free thi ck film, rectangular chip resistors 140 120 100 8 0 60 40 20 0 20 40 60 8 0 100 120 140 160 1 8 0 load in w 0.01 0.1 1 20 40 60 8 0 100 120 140 160 1 8 0 film temperature ? s in c 0.01 0.1 1 10 1 0.1 0.01 resistance chan g e r / r % r / r (t) = f [ r / r (t = 1000 h)] parameter: time 0.5 0.4 0.3 0.2 0.1 0 140 120 100 8 0 60 40 20 0 film temperature ? s in c stability nomo g ram typical values (for handlin g see g eneral explanations) resistance chan g e [ r / r ] in % after 1000 h te mperature rise in ? c ? = 20 c 40 c 60 c 8 0 c 100 c 120 c 140 c t = 1 0 0 0 0 0 h 1 0 0 0 0 h 5 0 0 0 h 2 0 0 0 h 1 0 0 0 h r / r [t = 1000 h] = f [ ? s] parameter: resistance value ? = f [ p ] ] parameter: size 1206 0 8 05 0603 0 4 0 2 ? = f [ ? s ] parameter: ? u 10k 1 m 10 m 0.25 w 0.125 w 0.0625 w 120 100 8 0 60 40 20 12 3 5 7 10 2 3 5 7 100 2 3 5 7 60 8 0 100 120 140 surface temperature ? s [c] number of mounted resistors [pcs] power ratin g as a function of packa g in g density ( g uideline) ? u = 120 c ? u = 100 c ? u = 8 0 c ? u = 60 c ? u = 40 c ? u = 20 c ? = [ c ]
document number: 20035 for technical questions in europe, contact: ff3 cresistors@v ishay.com www.vishay.com revision: 04-jul-07 for te chnical questions in am ericas/asia, contact: ff 2bresistors@vishay.com 113 d../crcw.... e3 lead (pb)-free thick film, re ctangular chip resistors vishay test procedures and requirements en 60115-1 size 0201 only test (clause) conditions of test requirements permissible change ( r / r ) stability class 1 or better stability class 2 or better requirements permissible change ( r / r ) stability for product types: d../crcw....e3 1 to 10 m 1 to 10 m 10 to 1 m resistance (4.5) - 1 % 5 % 1 %; 5 % temperature coefficient (4.8.4.2) 20/- 55/20 c and 20/125/20 c 100 ppm/k 200 ppm/k 200 ppm/k overload (4.13) u = 2.5 ( p 70 r ) 1/2 2 u max ; duration: according the style ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) ( 1 % r + 0.05 ) solderability (4.17.5) aging 4 h at 155 c, dryheat solder bath method; 235 c; 2 s visual examination good tinning ( 95 % covered) no visible damage resistance to soldering heat (4.18.2) solder bath method; (260 5) c; (10 1) s ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) ( 1 % r + 0.05 ) rapid change of temperature (4.19) 30 min. at lct = - 55 c; 30 min. at uct = 125 c; 5 cycles ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) ( 0.5 % r + 0.05 ) damp heat, steady state (4.24) (40 2) c; 56 days; (93 3) % rh ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) ( 2 % r + 0.1 ) climatic sequence (4.23) 16 h at uct = 125 c; 1 cycle at 55 c; 2 h at lct = - 55 c; 1 h/1 kpa at 15 c to 35 c; 5 cycles at 55 c u = ( p 70 r ) 1/2 u = u max ; whichever is less severe ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) ( 2 % r + 0.1 ) endurance at 70 c (4.25.1) u = ( p 70 r ) 1/2 u = u max ; whichever is less severe 1.5 h on; 0.5 h off; 70 c; 1000 h ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) ( 3 % r + 0.1 ) extended endurance (4.25.1.8) duration extended to 8000 hours (2 % r + 0.1 ) (4 % r + 0.1 ) (4 % r + 0.1 ) endurance at upper category temperature (4.25.3) uct = 125 c; 1000 h (1 % r + 0.05 ) (2 % r + 0.1 ) (2 % r + 0.1 ) applicable specifications ? en 60115-1 generic specification ? en 140400 sectional specification ? en 140401-802 detail specification ? iec 60068-2-x variety of env ironmental test procedures ? iec 60286-3 packaging of smd components
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of CRCW06030000FKEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X